Part Number Hot Search : 
FB11N50 3EZ14 00390 DSP56602 2SC6013 FM301 CM1000 MC339
Product Description
Full Text Search
 

To Download 0781250001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0781250001 Active
1.00mm (.039") Pitch DDR2 DIMM Socket, Very Low Profile, Vertical, Surface Mount, 1.8 V, Center Keys, Black Latches, Beveled Metal Pin Length 3.94mm (.155"), 240 Circuits, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-78125-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Comments Component Type JEDEC Outline Product Name Memory Module Sockets 78125
  • Latches in Black Color Memory Module MO-237 DDR2 DIMM
    Physical
    Circuits (Loaded) Color - Resin Durability (mating cycles max) Entry Angle Flammability Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Temperature Range - Operating Termination Interface: Style 240 Black 25 Vertical (Top Entry) 94V-0 Yes Copper Alloy Gold Tin High Temperature Thermoplastic Yes Yes 0.062 In 1.60 mm Tray 0.039 In 1.00 mm 0.039 In 1.00 mm 30 0.76 100 2.54 -10C to +85C Surface Mount
    Search Parts in this Series 78125Series Mates With JEDEC standard 1.27mm modules
    Electrical
    Current - Maximum per Contact Voltage - Maximum Voltage Key 1A 30V AC (RMS) 1.8V, Center
    Solder Process Data
    Duration at Max. Process Temperature (seconds) Lead-free Process Capability 5 Reflow Capable (SMT only)
    Max. Cycles at Max. Process Temperature Process Temperature max. C
    3 260
    Material Info Reference - Drawing Numbers
    Product Specification Sales Drawing PS-78125-001, RPS-78125-001 SD-78125-001
    This document was generated on 04/09/2010
    PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION

  • ▲Up To Search▲   

     
    Price & Availability of 0781250001

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X